Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download MPA321X-05Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPA321 Series
Smallest 1U Height, Only 320W, Active PFC 6 x 4 x 1.5 Inches!! Single Output AC/DC Power Supplies
Key Features:
* Smallest 1U 320W Supply * PFC to EN61000-3-2 "D" * UL, cUL, TUV Approvals * CE Certified * FCC Class B Emissions * 2 - 60 V Output Voltages * Universal 90-264 VAC Input * 700W Peak Power * Four Mechanical Options
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter Input Voltage Range Input Frequency Input Current, Full Load Inrush Current, Cold Start Leakage Current Power Factor Correction Input Protection Conditions Universal Min. 90 47 Typ. Max. 264 63 30 70 Units VAC Hz A A mA
90 VAC 6 110 VAC 220 VAC 240 VAC 3.5 Meets EN61000-3-2 Class D T6A/250V Fuse Conditions Min.
Output
Parameter Output Voltage Adjustment Output Regulation (Note 1) Hold Time Ripple & Noise (20 MHz) (Note 2) Overload Protection Over Voltage Protection Over Temperature Protection Temperature Coefficient Transient Recovery Time (Note 3) Transient Response Deviation Overshoot/Undershoot Turn On Delay Output Short Circuit Typ. Max. 5.0 1.0 110 VAC, 80% Load 20 See Model Selection Guide Foldback (Autorecovery) 110 140 >130% of Rated Output Voltage. Recycle AC Input. Operating Ambient (Autorecovery) 90 100 0.04 2.5 50% Load Change 5 At Turn On/Off 5.0 120 VAC 1 Continuous With Autorecovery By Trim Pot Conditions Input - Output Input - FG (Frame Ground) Primary - Core Fixed Min. 3,000 1,500 1,500 Typ. Max. Units % % mSec % C %/C mS % % S
General
Parameter Isolation Voltage (Note 4) Switching Frequency Units VAC 23 kHz
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Interface Signals
Power Supply On Power Good Signal Fan Fail Green LED (LED1) on the PCB PG on CN1. Goes TTL high 100 to 500 mS after regulation. Goes low at least 1 mS before the loss of regulation. Will sink 100 mA. FF on pin 3 of CN1. Open collector output rated for 15 VDC/5 mA sink current maximum. Goes high if a fan failure is detected Conditions Min. Typ. Max. Ambient 0 +25 +50 2.5%/ C from +50 C to + 70 C -20 +85 See Model Selection Guide RH, Non-condensing 90 Units C C %
Environmental
Parameter Operating Temperature Range Output Derating Storage Temperature Range Cooling Operating Humidity
Reliability Specifications
Parameter MTBF Safety Standards EEMI Compliance EMS Immunity Compliance Conditions Min. Typ. Max. Units MIL HDBK 217F, 30C, Gnd Benign 100 kHours UL 60950; CSA C22.2 No. 60950; TUV EN60950; CB Report (IEC 60950) Compliance to EN55022 (CISPR22) Class B; EN61000-3-2,3 EN6100-4-2,3,4,5,6,8,11; EN55024,; CE Marked (LVD)
Model Selection Guide
Model Number MPA321X-05Z MPA321x-09z MPA321x-12z MPA321x-15z MPA321x-18z MPA321x-24z MPA321x-28z MPA321x-36z MPA321x-48z MPA321x-54z Output Voltage Factory Range PreSet 5 VDC 2.0 - 6.0 VDC 9 VDC 7.0 - 9.0 VDC 12 VDC 10.0 - 13.8 VDC 15 VDC 14.0 - 15.5 VDC 18 VDC 16.0 - 20.0 VDC 24 VDC 21.0 - 26.0 VDC 28 VDC 27.0 - 34.0 VDC 36 VDC 35.0 - 42.0 VDC 48 VDC 43.0 - 50.0 VDC 54 VDC 51.0 - 60.0 VDC Max. Output Current (Notes 6, 7, 8) Ripple & "U, E, F" Units "U" Units "C" Units Noise 28.5 CFM Convection Convection 45.00A 26.00A 23.70A 50 mV p-p 35.50A 20.00A 18.75A 1% p-p 26.66A 15.00A 14.16A 1% p-p 21.33A 12.00A 11.33A 1% p-p 17.77A 10.00A 9.44A 1% p-p 13.33A 7.50A 7.08A 1% p-p 11.42A 6.42A 6.07A 1% p-p 8.88A 5.00A 4.72A 1% p-p 6.66A 3.75A 3.54A 1% p-p 5.92A 3.33A 3.14A 1% p-p Efficiency 75% 80% 83% 83% 83% 83% 83% 83% 83% 83%
Input & Output Connector CN2: Howder Terminal Block No. HB-95-7P or Mating Molex Part No. 09-91-1600 (16 pin) Output Pin Assignment: Howder Pins 1 ~ 2: V+ Pins 3 ~ 4: VPin 5: Grnd Pin 6: Neutral Pin 7: Line Molex Pins 1 ~ 5: V+ Pins 6 ~ 10: VPin 12: Grnd Pin 14: Neutral Pin 16: Line
certification. Models are factory set to the "Preset" voltage. This may be adjusted within Notes: the range without affecting the agency certification. Contact the factory for details. 1. Output regulation includes line & load. 6. Output current is given for the factory preset voltage. With the exception of the "05" 2. Ripple & noise is measured from 10 Hz to 20 MHz. Measurement output model, the maximum continuous output power level is 320W (with 28.5 CFM), connection to the unit is made with a 0.1 F ceramic capacitor & a 22 180W (U-Chassis convection cooled) or 170W ("C" units convection cooled. For more F electrolytic capacitor connected in parallel. information, contact the factory. 3. Transient recovery is measured to within a 1% error band for a load 7. Units will provide peak power of 700W for 500 S. For units capable of longer durations, step change of 50% to 100%. contact the factory. 4. Isolation specifications are production HI-Pot tested for 3 seconds. 5. The full output range (see table above) is covered in the safety agency 8. A 1% minimum load is required to maintain regulation and ripple specifications.
Logic Signal Connector CN1: Mating JST XHP or equivalent (CHYAO SHIUNN JS-21001-3) Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26. Fan driver connector (FAN2): 12 VDC / 400 mA is available to drive an external fan. Mating connector is a JST XHP-2 or Molex P/N 48-151-0210 ( 2 pins 0.98 pitch). Mating Pins: JST SXH-001TP0.62T or Molex 48150 .
Mechanical Dimensions: U-Chassis (U Suffix)
U-Chassis Cover (C Suffix)
Enclosure With End Fan (E Suffix)
Enclosure With Top Fan (F Suffix)
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of MPA321X-05Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X